Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500R15C1R0A6T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 500R15C1R0A6T
Description  C-SERIES HIGH FREQUENCY CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

500R15C1R0A6T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  500R15C1R0A6T Datasheet HTML 1Page - List of Unclassifed Manufacturers 500R15C1R0A6T Datasheet HTML 2Page - List of Unclassifed Manufacturers 500R15C1R0A6T Datasheet HTML 3Page - List of Unclassifed Manufacturers 500R15C1R0A6T Datasheet HTML 4Page - List of Unclassifed Manufacturers 500R15C1R0A6T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.johansontechnology.com
RF CHARACTERISTICS VERSUS CAPACITANCE
Measurements performed on a Boonton 34A Resonant Coaxial Line and represent typical capacitor performance.
B
B
B
B
B
B
J
J
J
J
J
J
H
H
H
H
H
H
0.01
0.1
1
110
20
Capacitance (pF)
B
150-250 MHz
J
900-1000 MHz
H
1900-2000 MHz
B
B
B
B B
B B
B
B
B
J
J
J
J J
J J J
J
J
H
H
H
H H
H H H
H
H
0.01
0.1
1
110
50
Capacitance (pF)
B
150-250 MHz
J
900-1000 MHz
H
1900-2000 MHz
B
B
B
B
B
B
B B B
J
J
J
J
J
J
J J J
H
H
H
H
H
H
H
H H
0.01
0.1
1
1
10
100
200
Capacitance (pF)
B
150-250 MHz
J
900-1000 MHz
H
1900-2000 MHz
Equivalent Series Resistance: 0402/R07C
Equivalent Series Resistance: 0603/R14C
Equivalent Series Resistance: 0805/R15C
B
B
B
B
B
B
10
100
1000
10000
110
20
Q
Capacitance (pF)
B
150-250 MHz
900-1000 MHz
1900-2000 MHz
B
B
B
B B
B B
B
B
B
1
10
100
1000
10000
110
50
Q
Capacitance (pF)
B
150-250 MHz
900-1000 MHz
1900-2000 MHz
B
B
B
B
B
B
B
B BB
1
10
100
1000
10000
1
10
100
200
Q
Capacitance (pF)
B
150-250 MHz
900-1000 MHz
1900-2000 MHz
Q Factor: 0402/R07C
Q Factor: 0603/R14C
Q Factor: 0805/R15C
B
B B
B B
B
B
B
B
B
B
J
J J
J J
J
J
J
J
J
H
H H
H H
H
H
H
0.01
0.1
1
1
10
100
1000
Capacitance (pF)
B
150-250 MHz
J
900-1000 MHz
H
1900-2000 MHz
Equivalent Series Resistance: 1210/S41C
B
B
B
B B
B
B
B
B
B
B
1
10
100
1000
10000
1
10
100
100
Q
Capacitance (pF)
B
150-250 MHz
900-1000 MHz
1900-2000 MHz
Q Factor: 1210/S41C


Similar Part No. - 500R15C1R0A6T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R153M350FN2E CDE-500R153M350FN2E Datasheet
201Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R153M400FG2E CDE-500R153M400FG2E Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
logo
Johanson Technology Inc...
500R15N100BV4E JOHANSON-500R15N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R15N100BV6E JOHANSON-500R15N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
500R15N100CV4E JOHANSON-500R15N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 500R15C1R0A6T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
List of Unclassifed Man...
05003 ETC2-05003 Datasheet
135Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0402, HIGH FREQUENCY, BP
05001 ETC2-05001 Datasheet
160Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com