Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I74F166D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # I74F166D
Description  8-bit bidirectional universal shift register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

I74F166D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button I74F166D Datasheet HTML 4Page - NXP Semiconductors I74F166D Datasheet HTML 5Page - NXP Semiconductors I74F166D Datasheet HTML 6Page - NXP Semiconductors I74F166D Datasheet HTML 7Page - NXP Semiconductors I74F166D Datasheet HTML 8Page - NXP Semiconductors I74F166D Datasheet HTML 9Page - NXP Semiconductors I74F166D Datasheet HTML 10Page - NXP Semiconductors I74F166D Datasheet HTML 11Page - NXP Semiconductors I74F166D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F166
8-bit bidirectional universal shift register
Feb. 14, 1991
8
tsu
VM
VM
VM
VM
CE
PE
Dn
Ds
CP, CE
VM
VM
VM
VM
VM
VM
VM
stable
VM
VM
stable
VM
VM
VM
VM
tsu(L)
th = 0
tsu(L)
tsu(H)
th = 0
th = 0
tsu(L)
th = 0
tsu(H)
th = 0
th = 0
tsu
th = 0
SF00289
Waveform 3. Setup and hold times
Notes to AC waveforms
1. For all waveforms, VM = 1.5V.
2. The shaded areas indicate when the input is permitted to change for predictable output performance.
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - I74F166D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I74F161AD PHILIPS-I74F161AD Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
I74F161AN PHILIPS-I74F161AN Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
I74F163AD PHILIPS-I74F163AD Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
I74F163AN PHILIPS-I74F163AN Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
I74F164D PHILIPS-I74F164D Datasheet
94Kb / 10P
   8-bit serial-in parallel-out shift register
2000 Dec 18
More results

Similar Description - I74F166D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com