Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ8-1CH-9DEA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ8-1CH-9DEA
Description  MINIATURE PC BOARD RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ8-1CH-9DEA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ8-1CH-9DEA Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ8-1CH-9DEA Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ8-1CH-9DEA Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ8-1CH-9DEA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZ8
2/27/01W
MINIATURE
PC BOARD RELAY
FEATURES
• Subminiature size
• High sensitivity, 110 mW pickup
• Coils to 48 VDC
• Hermetically sealed version available
• Epoxy sealed for automatic wave soldering
• Contacts rated at 3, 6 or 10 Amps
• Withstands 6 kV IEEE Lightning Surge (special order)
• Class B insulation (130°C) standard
• Class F insulation (155°C) version available
• UL, CUR file E44211
• VDE approved versions available
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A) 10 A version only
Ratings
Resistive load:
Light Duty
Max. switched power: 100 W or 600 VA
Max. switched current: 3 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: See chart on Page 3
Medium Duty
Max. switched power:
180 W or 1800 VA
Max. switched current: 6 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: See chart on Page 3
Heavy Duty
Max. switched power:
300 W or 2400 VA
Max. switched current: 10 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: See chart on Page 3
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Light duty: Silver
Medium duty: Silver nickel
Heavy duty: Silver cadmium oxide
Resistance
< 100 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
100 million operations
Electrical Light Duty
3 x 105 at 3 A, 120 VAC
Medium Duty 1.8 x 105 at 6 A, 120 VAC
Heavy Duty
1 x 105 at 10 A, 120 VAC
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
750 Vrms contact to contact
(at sea level for 1 min.) 3000 Vrms contact to coil
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-55°C (-67°F) to 90°C (194°F) Class B
-55°C (-67°F) to 115°C (239°F) Class F
Storage
-55°C (-67°F) to 130°C (266°F) Class B
-55°C (-67°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz, 10 g at 55–110 Hz
Shock
10 g
Enclosure
P.E.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
COIL
Power
At Pickup Voltage
Standard coil: 210 mW
(typical)
Sensitive coil: 140 mW
Heavy duty: 228 mW
(110 mW available)
Max. Continuous
Class B: 2.0 W 20°C (68°F) ambient
Dissipation
1.6 W 40°C (104°F) ambient
Class F: 2.5 W 20°C (68°F) ambient
2.1 W 40°C (104°F) ambient
Temperature Rise
At nominal coil voltage
Standard coil: 38°C (68°F)
Sensitive coil: 28°C (50°F)
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Other coil resistances and sensitivities available upon request.
4. Unsealed relays should not be dip cleaned.
5. Specifications subject to change without notice.


Similar Part No. - AZ8-1CH-9DEA

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8-1CH-9DE AZETTLER-AZ8-1CH-9DE Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ8-1CH-9DEA

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com