Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64LV25616AL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS64LV25616AL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64LV25616AL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS64LV25616AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64LV25616AL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
07/05/06
IS64LV25616AL
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
10
12
ns
tAA
Address Access Time
10
12
ns
tOHA
Output Hold Time
2
2
ns
tACE
CE Access Time
10
12
ns
tDOE
OE Access Time
4
5
ns
tHZOE(2)
OE to High-Z Output
4
5
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZCE(2
CE to High-Z Output
0
4
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
ns
tBA
LB, UB Access Time
4
5
ns
tHZB(2)
LB, UB to High-Z Output
0
3
0
4
ns
tLZB(2)
LB, UB to Low-Z Output
0
0
ns
tPU
Power Up Time
0
0
ns
tPD
Power Down Time
10
12
ns
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing and Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage.
319
Ω
30 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V


Similar Part No. - IS64LV25616AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216-12TA3 ISSI-IS64LV51216-12TA3 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216-12TLA3 ISSI-IS64LV51216-12TLA3 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L-10BA1 ISSI-IS64LV6416L-10BA1 Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64LV25616AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com