Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVP12836A-200B2 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61NVP12836A-200B2
Description  128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP12836A-200B2 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP12836A-200B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61NVP12836A-200B2 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. 00C
09/12/05
ISSI®
IS61NLP12832A
IS61NLP12836A/IS61NVP12836A
IS61NLP25618A/IS61NVP25618A
ASYNCHRONOUS TRUTH TABLE(1)
Operation
ZZ
OE
OE
OE
OE
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
LL
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes:
1. X means "Don't Care".
2. For write cycles following read cycles, the output buffers must be disabled with
OE, otherwise data bus
contention will occur.
3. Sleep Mode means power Sleep Mode where stand-by current does not depend on cycle time.
4. Deselected means power Sleep Mode where stand-by current depends on cycle time.
WRITE TRUTH TABLE (x18)
Operation
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWa
BW
BW
BW
BW
BWb
READ
H
X
X
WRITE BYTE a
L
L
H
WRITE BYTE b
L
H
L
WRITE ALL BYTEs
L
L
L
WRITE ABORT/NOP
L
H
H
Notes:
1. X means "Don't Care".
2. All inputs in this table must beet setup and hold time around the rising edge of CLK.


Similar Part No. - IS61NVP12836A-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP12836B ISSI-IS61NVP12836B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results

Similar Description - IS61NVP12836A-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com