Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV2568ALL-70TI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS62WV2568ALL-70TI
Description  256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV2568ALL-70TI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS62WV2568ALL-70TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. B
06/20/05
IS62WV2568ALL,
IS62WV2568BLL
ISSI®
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Vcc
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.65-2.2V
1.4
V
IOH = -1 mA
2.5-3.6V
2.2
V
VOL
Output LOW Voltage
IOL = 0.1 mA
1.65-2.2V
0.2
V
IOL = 2.1 mA
2.5-3.6V
0.4
V
VIH
Input HIGH Voltage
1.65-2.2V
1.4
VCC + 0.2
V
2.5-3.6V
2.2
VCC + 0.3
V
VIL(1)
Input LOW Voltage
1.65-2.2V
–0.2
0.4
V
2.5-3.6V
–0.2
0.6
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled
–1
1
µA
Notes:
1. VIL (min.) = –1.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.2 to Vcc+0.3
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
OPERATING RANGE (Vcc)
Range
Ambient Temperature
IS62WV2568ALL
IS62WV2568BLL
Commercial
0°C to +70°C
1.65V - 2.2V
2.5V - 3.6V
Industrial
–40°C to +85°C
1.65V - 2.2V
2.5V - 3.6V


Similar Part No. - IS62WV2568ALL-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568DBLL ISSI-IS62WV2568DBLL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV2568EBLL ISSI-IS62WV2568EBLL Datasheet
869Kb / 16P
   Three state outputs
More results

Similar Description - IS62WV2568ALL-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com