Electronic Components Datasheet Search |
|
IS61NVF25618A-6.5TQI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc |
|
IS61NVF25618A-6.5TQI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc |
1 / 27 page Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774 1 Rev. 00A 08/26/05 IS61NLF12836A/IS61NVF12836A IS61NLF25618A/IS61NVF25618A ISSI® Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. FEATURES • 100 percent bus utilization • No wait cycles between Read and Write • Internal self-timed write cycle • Individual Byte Write Control • Single Read/Write control pin • Clock controlled, registered address, data and control • Interleaved or linear burst sequence control using MODE input • Three chip enables for simple depth expansion and address pipelining • Power Down mode • Common data inputs and data outputs • CKE pin to enable clock and suspend operation • JEDEC 100-pin TQFP, 119-ball PBGA, and 165- ball PBGA packages • Power supply: NVF: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%) NLF: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%) • Industrial temperature available • Lead-free available DESCRIPTION The 4 Meg 'NLF/NVF' product family feature high-speed, low-power synchronous static RAMs designed to provide a burstable, high-performance, 'no wait' state, device for networking and communications applications. They are organized as 128K words by 36 bits and 256K words by 18 bits, fabricated with ISSI's advanced CMOS technology. Incorporating a 'no wait' state feature, wait cycles are eliminated when the bus switches from read to write, or write to read. This device integrates a 2-bit burst counter, high-speed SRAM core, and high-drive capability outputs into a single monolithic circuit. All synchronous inputs pass through registers are controlled by a positive-edge-triggered single clock input. Operations may be suspended and all synchronous inputs ignored when Clock Enable, CKE is HIGH. In this state the internal device will hold their previous values. All Read, Write and Deselect cycles are initiated by the ADV input. When the ADV is HIGH the internal burst counter is incremented. New external addresses can be loaded when ADV is LOW. Write cycles are internally self-timed and are initiated by the rising edge of the clock inputs and when WE is LOW. Separate byte enables allow individual bytes to be written. A burst mode pin (MODE) defines the order of the burst sequence. When tied HIGH, the interleaved burst sequence is selected. When tied LOW, the linear burst sequence is selected. 128K x 36 and 256K x 18 4Mb, FLOW THROUGH 'NO WAIT' STATE BUS SRAM PRELIMINARY INFORMATION SEPTEMBER 2005 FAST ACCESS TIME Symbol Parameter 6.5 7.5 Units tKQ Clock Access Time 6.5 7.5 ns tKC Cycle Time 7.5 8.5 ns Frequency 133 117 MHz |
Similar Part No. - IS61NVF25618A-6.5TQI |
|
Similar Description - IS61NVF25618A-6.5TQI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |