Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV2568ALL-70T Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS62WV2568ALL-70T
Description  256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV2568ALL-70T Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS62WV2568ALL-70T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70T Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
06/20/05
IS62WV2568ALL,
IS62WV2568BLL
ISSI®
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.0
3.6
V
IDR
Data Retention Current
Vcc = 1.0V,
CS1/CS2
≥ Vcc – 0.2V
10
µA
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
DATA RETENTION WAVEFORM (
CS1
CS1
CS1
CS1
CS1 Controlled)
DATA RETENTION WAVEFORM (CS2 Controlled)
VCC
CS1 ³ VCC - 0.2V
tSDR
tRDR
VDR
CS1
GND
3.0V
2.2V
Data Retention Mode
VCC
CS2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CS2
GND
3.0
2.2V
Data Retention Mode


Similar Part No. - IS62WV2568ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568DBLL ISSI-IS62WV2568DBLL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV2568EBLL ISSI-IS62WV2568EBLL Datasheet
869Kb / 16P
   Three state outputs
More results

Similar Description - IS62WV2568ALL-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com