Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV3216BLL-15BLA3 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS64WV3216BLL-15BLA3
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV3216BLL-15BLA3 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS64WV3216BLL-15BLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV3216BLL-15BLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. A
09/26/05
ISSI®
IS64WV3216BLL
IS61WV3216BLL
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Options
Min.
Max.
Min.
Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
COM
.
—35
30
mA
Supply Current
IOUT = 0 mA, f = fMAX
IND
.
—45
40
AUTO
—60
50
typ.(2)
—20
20
ICC1
Operating Supply
VDD = Max.,
COM
.
—5
5
mA
Current
Iout = 0mA, f = 0
IND
.
—5
5
AUTO
—5
5
ISB2
CMOS Standby
VDD = Max.,
COM
.
—20
20
uA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
IND
.
—50
50
VIN
≥ VDD – 0.2V, or
AUTO
—75
75
VIN
≤ 0.2V, f = 0
typ.(2)
—6
6
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD=2.5V, TA=25oC. Not 100% tested.


Similar Part No. - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV3216DBLL/DBLS ISSI-IS64WV3216DBLL/DBLS Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV3216BLL-15BLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com