Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP51236-200TQI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61NLP51236-200TQI
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP51236-200TQI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP51236-200TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NLP51236-200TQI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. G
07/10/06
IS61NLP25672/IS61NVP25672
IS61NLP51236/IS61NVP51236
IS61NLP102418/IS61NVP102418
ISSI®
INTERLEAVED BURST ADDRESS TABLE (MODE = VDD or NC)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
WRITE TRUTH TABLE (x72)
Operation
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWa
BW
BW
BW
BW
BWb
BW
BW
BW
BW
BWc
BW
BW
BW
BW
BWd
BW
BW
BW
BW
BWe
BW
BW
BW
BW
BWf
BW
BW
BW
BW
BWg
BW
BW
BW
BW
BWh
READ
H
X
X
X
X
X
X
X
X
WRITE BYTE a
L
L
H
H
H
H
H
H
H
WRITE BYTE b
L
H
L
H
H
H
H
H
H
WRITE BYTE c
L
H
H
L
H
H
H
H
H
WRITE BYTE d
L
H
H
H
L
H
H
H
H
WRITE BYTE e
L
H
H
H
H
L
H
H
H
WRITE BYTE f
L
H
H
H
H
H
L
H
H
WRITE BYTE g
L
H
H
H
H
H
H
L
H
WRITE BYTE h
L
H
H
H
H
H
H
H
L
WRITE ALL BYTEs
L
L
L
L
L
L
L
L
L
WRITE ABORT/NOP
L
H
H
H
H
H
H
H
H
Notes:
1. X means "Don't Care".
2. All inputs in this table must beet setup and hold time around the rising edge of CLK.


Similar Part No. - IS61NLP51236-200TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP51218 ISSI-IS61NLP51218 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP51218A ISSI-IS61NLP51218A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP51218A-200B2 ISSI-IS61NLP51218A-200B2 Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP51218A-200B2I ISSI-IS61NLP51218A-200B2I Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP51218A-200B3 ISSI-IS61NLP51218A-200B3 Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NLP51236-200TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com