Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV6416BLL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS64WV6416BLL
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV6416BLL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS64WV6416BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV6416BLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
11/08/05
ISSI®
IS64WV6416BLL
IS61WV6416BLL
AC TEST CONDITIONS
Parameter
Unit
Unit
(2.5V-3.6V)
(3.3V + 10%)
Input Pulse Level
0V to VDD V
0V to VDD V
Input Rise and Fall Times
1.5ns
1.5ns
Input and Output Timing
VDD/2
VDD/2 + 0.05
and Reference Level (VRef)
Output Load
See Figures 1a and 1b
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
30 pF
Including
jig and
scope
Zo=50
OUTPUT
VRef
50
319
5 pF
Including
jig and
scope
353
OUTPUT
2.5V


Similar Part No. - IS64WV6416BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV6416DBLL/DBLS ISSI-IS64WV6416DBLL/DBLS Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV6416EEBLL ISSI-IS64WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
More results

Similar Description - IS64WV6416BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com