Electronic Components Datasheet Search |
|
SLE66C320S-V5-F7-M6 Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SLE66C320S-V5-F7-M6 Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 5 page SLE 66C320S Short Product Information 3 / 5 06.99 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM Features • 16-bit microcomputer in 0.6 µm CMOS technology • Instruction set opcode compatible with standard SAB 8051 processor • Enhanced 16-bit arithmetic • Additional powerful instructions optimized for chip card applications • Dedicated, non-standard architecture with execution time six times faster than standard SAB 8051 processor • 31.5-Kbytes User ROM for application programs • 512-bytes reserved ROM for Resource Management System (RMS) with intelligent write/erase routines • 32-Kbytes EEPROM as program/data memory • 1280 bytes RAM • True random number generator (RNG) • Interrupt module for I/O interface • CRC Module • 16-bit timer with 8-bit prescaler • Power saving sleep mode • Clock freq. = int. freq.: 1 to 7.5 MHz • Contact configuration and serial interface in accordance with ISO 7816 • Supply voltage range: 2.7 V to 5.5 V • Current consumption < 10 mA at 5 MHz and 5.5 V • Temperature range: -25 to +70°C • ESD protection larger than 4 kV • Software compatible with SLE 66C160S and SLE 44C160S EEPROM • Reading, erasing and writing byte by byte • Flexible page mode for 1 to 64 bytes write/erase operation • 32 bytes security area • Write time 3.62 ms, erase time 1.81 ms • Programming time adaptable to clock frequency • Minimum of 500,000 write/erase cycles • Data retention for a minimum of ten years • EEPROM programming voltage generated on chip Security Features • ROM code not visible due to implantation • Low and high voltage sensors • Low-frequency sensor • High-frequency filter • Internal power-on-reset • 16 bytes security PROM, hardware protected • Unique chip identification number for each chip • Security optimized layout • Additional security features Support • Tools • Application notes (e.g.: T=0, T=1, DES, RSA etc.) |
Similar Part No. - SLE66C320S-V5-F7-M6 |
|
Similar Description - SLE66C320S-V5-F7-M6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |