Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP102418-250B3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61NLP102418-250B3
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP102418-250B3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP102418-250B3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP102418-250B3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. G
07/10/06
IS61NLP25672/IS61NVP25672
IS61NLP51236/IS61NVP51236
IS61NLP102418/IS61NVP102418
ISSI®
165-PIN PBGA PACKAGE CONFIGURATION
1024K x 18 (TOP VIEW)
PIN DESCRIPTIONS
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control
Input
CLK
Synchronous Clock
CKE
Clock Enable
CE, CE2, CE2 Synchronous Chip Enable
BWx (x=a,b)
Synchronous Byte Write Inputs
OE
Output Enable
ZZ
Power Sleep Mode
123456789
10
11
A
A
BWb
CKE
BNC
A
WE
OE
CNC
NC
Vss
Vss
DNC
DQb
Vss
Vss
NC
ENC
DQb
Vss
Vss
Vss
F
NC
DQb
NC
GNC
DQb
NC
NC
HNC
VDD
VDDQ
J
DQb
NC
DQa
K
DQb
NC
L
DQb
NC
Vss
M
DQb
NC
Vss
N
DQPb
NC
Vss
Vss
NC
PNC
NC
A1*
TDO
R
MODE
A
TCK
CE2
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
NC
NC
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
CE
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
NC
BWa
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
NC
TDI
TMS
CE2
CLK
Vss
NC
A0*
NC
Vss
Vss
Vss
Vss
Vss
Vss
ADV
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
NC
DQa
DQa
DQa
NC
NC
NC
NC
NC
NC
NC
ZZ
DQa
DQa
DQa
DQa
DQPa
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
MODE
Burst Sequence Selection
TCK, TDI
JTAG Pins
TDO, TMS
VDD
3.3V/2.5V Power Supply
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Parity Data I/O
VDDQ
Isolated output Power Supply
3.3V/2.5V
VSS
Ground


Similar Part No. - IS61NLP102418-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP102436A ISSI-IS61NLP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP102436A-166B3 ISSI-IS61NLP102436A-166B3 Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP102436A-166B3I ISSI-IS61NLP102436A-166B3I Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP102436A-166TQ ISSI-IS61NLP102436A-166TQ Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP102436A-166TQI ISSI-IS61NLP102436A-166TQI Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
More results

Similar Description - IS61NLP102418-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com