Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASX20003 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # ASX20003
Description  HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ASX20003 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  ASX20003 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ASX20003 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SX
123
2. Surface-mount terminal
Single side stable/
1 coil latching
5.08
.200
5.08
.200
2.54
.100
0.65
.026
9.4
±0.5
.370
±.020
15.0
.591
0.5
.020
8.2
.323
7.4
.291
Max.10.0
.394
0.25
.010
1.15
.045
mm inch
2 coil latching
5.08
.200
5.08
.200
2.54
.100
0.65
.026
0.25
.010
9.4
±0.5
.370
±.020
0.5
.020
8.2
.323
15.0
.591
Max.10.0
.394
7.4
.291
1.15
.045
General tolerance:
±0.3 ±.012
Suggested
mounting pad
5.08
.200
1.0
.039
2.54
.100
3.16
.124
7.24
.285
5.08
.200
1.0
.039
2.54
.100
3.16
.124
7.24
.285
Tolerance:
±0.1 ±.004
Schematic (Top view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
12
10 9
8
1
3 4
5
Direction indication
12
10 9 8
1
3
4 5
2 coil latching
(Reset condition)
Direction indication
12
10 9 8 7
1
3
4 5 6
REFERENCE DATA
1. Switching capacity range
2-(1). Change in dynamic contact resistance
(10 mA 10 V DC resistive load)
Tested: ASX20012, Quantity: n=10
Operating frequency: 750 cpm
Measured condition: 10 ms after applying nominal coil
voltage, using voltage drop of 20 mV, 1 mA, 1 kHz.
2-(2). Change in dynamic contact resistance
(10
µA 1 mV DC resistive load)
Tested: ASX20012, Quantity: n=10
Operating frequency: 750 cpm
Measured condition: 10 ms after applying nominal coil
voltage, using voltage drop of 20 mV, 1 mA, 1 kHz.
10mA
10
µA
1mV
10V
Contact voltage
1,000
0
Min.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Max.
No. of operations,
× 104
2,000
1,000
0
Min.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Max.
No. of operations,
× 104
3-(1). Change in static contact resistance
(10 mA 10 V DC resistive load)
Tested: ASX20012, Quantity: n=10
Operating frequency: 750 cpm
3-(2). Change in static contact resistance
(10
µA 1 mVDC resistive load)
Tested: ASX20012, Quantity: n=10
Operating frequency: 750 cpm
1,000
0
10
20
30
40
50
60
70
80
90
0
Max.
Min.
Max.
Min.
0
10
20
30
40
50
60
80
90
100
No. of operations,
× 104
N.C. side contact
N.O. side contact
2,000
1,000
0
10
20
30
40
50
60
70
80
90
0
Max.
Min.
Max.
Min.
0
10
20
30
40
50
60
80
90
100
No. of operations,
× 104
N.C. side contact
N.O. side contact


Similar Part No. - ASX20003

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
   250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX20003

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
   A slim compact Relay with 7 A switching capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
   High switching capacity
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Omron Electronics LLC
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com