Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVVP51236-250B Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61NVVP51236-250B
Description  256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVVP51236-250B Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61NVVP51236-250B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61NVVP51236-250B Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
ADVANCED INFORMATION Rev. 00A
07/17/02
IS61NVVP25672
IS61NVVP51236
ISSI®
READ/WRITE CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-250
-200
Symbol
Parameter
Min. Max.
Min. Max.
Unit
fmax
Clock Frequency
250
200
MHz
tKC
Cycle Time
4.0
5
ns
tKH
Clock High Time
1.7
2
ns
tKL
Clock Low Time
1.7
2
ns
tKQ
Clock Access Time
2.6
3.0
ns
tKQX(2)
Clock High to Output Invalid
0.8
1.5
ns
tKQLZ(2,3)
Clock High to Output Low-Z
0.8
1
ns
tKQHZ(2,3)
Clock High to Output High-Z
2.6
3.0
ns
tOEQ
Output Enable to Output Valid
2.6
3.0
ns
tOELZ(2,3)
Output Enable to Output Low-Z
0
0
ns
tOEHZ(2,3)
Output Disable to Output High-Z
2.6
3.0
ns
tAS
Address Setup Time
1.0
1.2
ns
tWS
Read/Write Setup Time
1.0
1.2
ns
tCES
Chip Enable Setup Time
1.0
1.2
ns
tSE
Clock Enable Setup Time
1.0
1.2
ns
tADVS
Address Advance Setup Time
1.0
1.2
ns
tDS
Data Setup Time
1.0
1.2
ns
tAH
Address Hold Time
0.5
0.5
ns
tHE
Clock EnableHold Time
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
ns
tADVH
Address Advance Hold Time
0.5
0.5
ns
tDH
Data Hold Time
0.5
0.5
ns
tPDS
ZZ High to Power Down
2
2
cyc
tPUS
ZZ Low to Power Down
2
2
cyc
Notes:
1. Configuration signal MODE is static and must not change during normal operation.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with load in Figure 2.


Similar Part No. - IS61NVVP51236-250B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP204836B ISSI-IS61NVVP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
IS61NVVP409618B ISSI-IS61NVVP409618B Datasheet
1Mb / 39P
   100 percent bus utilization
More results

Similar Description - IS61NVVP51236-250B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP12836 ISSI-IS61NP12836 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com