Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDB22M18 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61QDB22M18
Description  36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB22M18 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61QDB22M18 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB22M18 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. B
06/29/06
ISSI®
36 Mb (1M x 36 & 2M x 18)
QUAD (Burst of 2) Synchronous SRAMs
Pin Description
Symbol
Pin Number
Description
K, K
6B, 6A
Input clock.
C, C
6P, 6R
Input clock for output data control.
CQ, CQ
11A, 1A
Output echo clock.
Doff
1H
DLL disable when low.
SA
9A, 4B, 8B, 5C, 6C, 7C, 5N, 6N, 7N, 4P, 5P, 7P, 8P, 3R, 4R, 5R,
7R, 8R, 9R
1M x 36 address inputs.
SA
3A, 9A, 4B, 8B, 5C, 6C, 7C, 5N, 6N, 7N, 4P, 5P, 7P, 8P, 3R, 4R,
5R, 7R, 8R, 9R
2M x 18 address inputs.
D0–D8
D9–D17
D18–D26
D27–D35
10P, 11N, 11M, 10K, 11J, 11G, 10E, 11D, 11C
10N, 9M, 9L, 9J, 10G, 9F, 10D, 9C, 9B
3B, 3C, 2D, 3F, 2G, 3J, 3L, 3M, 2N
1C, 1D, 2E, 1G, 1J, 2K, 1M, 1N, 2P
1M x 36 data inputs.
Q0–Q8
Q9–Q17
Q18–Q26
Q27–Q35
11P, 10M, 11L, 11K, 10J, 11F, 11E, 10C, 11B
9P, 9N, 10L, 9K, 9G, 10F, 9E, 9D, 10B
2B, 3D, 3E, 2F, 3G, 3K, 2L, 3N, 3P
1B, 2C, 1E, 1F, 2J, 1K, 1L, 2M, 1P
1M x 36 data outputs.
D0–D8
D9–D17
10P, 11N, 11M, 10K, 11J, 11G, 10E, 11D, 11C
3B, 3C, 2D, 3F, 2G, 3J, 3L, 3M, 2N
2M x 18 data inputs.
Q0–Q8
Q9–Q17
11P, 10M, 11L, 11K, 10J, 11F, 11E, 10C, 11B
2B, 2D, 3E, 2F, 3G, 2K, 2L, 3N, 3P
2M x 18 data outputs.
W
4A
Write control, active low.
R
8A
Read control, active low.
BW0, BW1, BW2, BW3 7B, 7A, 5A,5B
1M x 36 byte write control, active low.
BW0, BW1
7B, 5A
2M x 18 byte write control, active low.
VREF
2H, 10H
Input reference level.
VDD
5F, 7F, 5G, 7G, 5H, 7H, 5J, 7J, 5K, 7K
Power supply.
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output power supply.
VSS
2A, 10A, 4C, 8C, 4D, 5D, 6D, 7D, 8D, 5E, 6E, 7E, 6F, 6G, 6H, 6J,
6K, 5L, 6L, 7L, 4M, 8M, 4N, 8N
Power supply.
ZQ
11H
Output driver impedance control.
TMS, TDI, TCK
10R, 11R, 2R
IEEE 1149.1 test inputs (1.8V LVTTL lev-
els).
TDO
1R
IEEE 1149.1 test output (1.8V LVTTL level).


Similar Part No. - IS61QDB22M18

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDB22M18

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
logo
GSI Technology
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com