Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV51216-10MLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV51216-10MLI
Description  512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV51216-10MLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV51216-10MLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV51216-10MLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. D
12/06/05
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
IS61LV51216
IS64LV51216
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to VDD+0.5
V
VDD
VDD Related to GND
–0.3 to +4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
48-Pin mini BGA (9mmx11mm)
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
N/C
I/O8
UB
A3
A4
CE
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
A17
A7
I/O3
VDD
VDD
I/O12
GND
A16
I/O4
GND
I/O14
I/O13
A14
A15
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
A18
A8
A9
A10
A11
NC
PIN CONFIGURATIONS
PIN DESCRIPTIONS
A0-A18
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
VDD
Power
GND
Ground


Similar Part No. - IS61LV51216-10MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV51216-10M ISSI-IS61LV51216-10M Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
IS61LV51216-10MI ISSI-IS61LV51216-10MI Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
More results

Similar Description - IS61LV51216-10MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51232ALL ISSI-IS61WV51232ALL Datasheet
177Kb / 19P
   512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com