Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV51216-10MI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV51216-10MI
Description  512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV51216-10MI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LV51216-10MI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV51216-10MI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
12/06/05
ISSI®
IS61LV51216
IS64LV51216
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
WriteCycleTime
8
10
12
ns
tSCE
CEtoWriteEnd
6.5
8
8
ns
tAW
AddressSetupTime
6.5
8
8
ns
toWriteEnd
tHA
AddressHoldfromWriteEnd
0
0
0
ns
tSA
AddressSetupTime
0
0
0
ns
tPWB
LB,UBValidtoEndofWrite
6.5
8
8
ns
tPWE1
WEPulseWidth
6.5
8
8
ns
tPWE2
WEPulseWidth (OE=LOW)
8.0
10
12
ns
tSD
DataSetuptoWriteEnd
5
6
6
ns
tHD
DataHoldfromWriteEnd
0
0
0
ns
tHZWE(2)
WELOWtoHigh-ZOutput
3.5
5
6
ns
tLZWE(2)
WEHIGHtoLow-ZOutput
2
2
2
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to
3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced
to the rising or falling edge of the signal that terminates the write. Shaded area product in development


Similar Part No. - IS61LV51216-10MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV51216-10MI ISSI-IS61LV51216-10MI Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
More results

Similar Description - IS61LV51216-10MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51232ALL ISSI-IS61WV51232ALL Datasheet
177Kb / 19P
   512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com