Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LPS12836A-250B2 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LPS12836A-250B2
Description  128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS12836A-250B2 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LPS12836A-250B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LPS12836A-250B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
10/07/04
ISSI®
IS61(64)LPS12832A
IS61(64)LPS12836A IS61(64)VPS12836A
IS61(64)LPS25618A IS61(64)VPS25618A
PIN DESCRIPTIONS
165 PBGA PACKAGE PIN CONFIGURATION
128K X 36 (TOP VIEW)
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
12345
6
7
8
9
10
11
A
NC
A
CE
BWc
BWb
CE2
BWE
ADSC
ADV
ANC
B
NC
A
CE2
BWd
BWa
CLK
GW
OE
ADSP
ANC
C
DQPc
NC
VDDQ
Vss
Vss
Vss
Vss
Vss
VDDQ
NC
DQPb
D
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
E
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
F
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
G
DQc
DQc
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQb
DQb
H
NC
NC
NC
VDD
Vss
Vss
Vss
VDD
NC
NC
ZZ
J
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
K
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
L
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
M
DQd
DQd
VDDQ
VDD
Vss
Vss
Vss
VDD
VDDQ
DQa
DQa
N
DQPd
NC
VDDQ
Vss
NC
NC
NC
Vss
VDDQ
NC
DQPa
P
NC
NC
A
A
NC
A1*NC
A
A
A
NC
R
MODE
NC
A
A
NC
A0*NC
A
A
A
A
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2, CE2
Synchronous Chip Select
BWx (x=a,b,c,d) Synchronous Byte Write
Controls
Symbol
Pin Name
BWE
Byte Write Enable
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Data Inputs/Outputs
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Power Supply
3.3V
/2.5V
Vss
Ground


Similar Part No. - IS61LPS12836A-250B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS12836EC-200B2 ISSI-IS61LPS12836EC-200B2 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12836EC-200B2I ISSI-IS61LPS12836EC-200B2I Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12836EC-200B2L ISSI-IS61LPS12836EC-200B2L Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12836EC-200B2LI ISSI-IS61LPS12836EC-200B2LI Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61LPS12836EC-200B3 ISSI-IS61LPS12836EC-200B3 Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
More results

Similar Description - IS61LPS12836A-250B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com