Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF102418A-7.5B2 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LF102418A-7.5B2
Description  256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF102418A-7.5B2 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LF102418A-7.5B2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF102418A-7.5B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. E
04/21/06
ISSI®
IS61LF25672A
IS61VF25672A
IS61LF51236A
IS61VF51236A
IS61LF102418A IS61VF102418A
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and
control
• Burst sequence control using MODE input
• Three chip enable option for simple depth expan-
sion and address pipelining
• Common data inputs and data outputs
• Auto Power-down during deselect
• Single cycle deselect
• Snooze MODE for reduced-power standby
• JTAG Boundary Scan for PBGA package
• Power Supply
LF: VDD 3.3V + 5%, VDDQ 3.3V/2.5V + 5%
VF: VDD 2.5V + 5%, VDDQ 2.5V + 5%
• JEDEC 100-Pin TQFP, 119-pin PBGA, 209-Ball
PBGA and 165-pin PBGA packages.
• Lead-free available
APRIL 2006
256K x 72, 512K x 36, 1024K x 18
18Mb SYNCHRONOUS FLOW-THROUGH
STATIC RAM
DESCRIPTION
The
ISSI IS61LF/VF25672A, IS61LF/VF51236A and
IS61LF/VF102418A are high-speed, low-power synchro-
nous static RAMs designed to provide burstable, high-
performance memory for communication and networking
applications. The IS61LF/VF25672A is organized as
262,144 words by 72 bits. The IS61LF/VF51236A is orga-
nized as 524,288 words by 36 bits. The IS61LF/VF102418A
is organized as 1,048,576 words by 18 bits. Fabricated
with
ISSI's advanced CMOS technology, the device inte-
grates a 2-bit burst counter, high-speed SRAM core, and
high-drive capability outputs into a single monolithic cir-
cuit. All synchronous inputs pass through registers con-
trolled by a positive-edge-triggered single clock input.
Write cycles are internally self-timed and are initiated by
the rising edge of the clock input. Write cycles can be one
to four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
Byte write operation is performed by using byte write
enable (
BWE) input combined with one or more individual
byte write signals (
BWx). In addition, Global Write (GW) is
available for writing all bytes at one time, regardless of the
byte write controls.
Bursts can be initiated with either
ADSP (Address Status
Processor) or
ADSC (Address Status Cache Controller)
input pins. Subsequent burst addresses can be generated
internally and controlled by the
ADV (burst address ad-
vance) input pin.
The mode pin is used to select the burst sequence order,
Linear burst is achieved when this pin is tied LOW.
Interleave burst is achieved when this pin is tied HIGH or
left floating.
FAST ACCESS TIME
Symbol
Parameter
-6.5
-7.5
Units
tKQ
Clock Access Time
6.5
7.5
ns
tKC
Cycle Time
7.5
8.5
ns
Frequency
133
117
MHz


Similar Part No. - IS61LF102418A-7.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102436A ISSI-IS61LF102436A Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3 ISSI-IS61LF102436A-6.5B3 Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3I ISSI-IS61LF102436A-6.5B3I Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQL ISSI-IS61LF102436A-6.5TQL Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQLI ISSI-IS61LF102436A-6.5TQLI Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF102418A-7.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com