Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV51216-10M Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV51216-10M
Description  512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV51216-10M Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV51216-10M Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV51216-10M Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. D
12/06/05
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
IS61LV51216
IS64LV51216
FEATURES
• High-speed access time:
— 8, 10, and 12 ns
• CMOS low power operation
• Low stand-by power:
— Less than 5 mA (typ.) CMOS stand-by
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial and Automotive temperatures available
• Lead-free available
512K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH 3.3V SUPPLY
DESCRIPTION
The
ISSI IS61/64LV51216 is a high-speed, 8M-bit static
RAM organized as 525,288 words by 16 bits. It is fabricated
using
ISSI's high-performance CMOS technology. This
highly reliable process coupled with innovative circuit de-
sign techniques, yields high-performance and low power
consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61/64LV51216 is packaged in the JEDEC standard
44-pin TSOP Type II and 48-pin Mini BGA (9mm x 11mm).
FUNCTIONAL BLOCK DIAGRAM
DECEMBER 2005
A0-A18
CE
OE
WE
512K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS61LV51216-10M

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV51216-10M ISSI-IS61LV51216-10M Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
IS61LV51216-10MI ISSI-IS61LV51216-10MI Datasheet
101Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS
More results

Similar Description - IS61LV51216-10M

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51232ALL ISSI-IS61WV51232ALL Datasheet
177Kb / 19P
   512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com