Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLF25636A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61NLF25636A
Description  256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLF25636A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61NLF25636A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLF25636A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. B
08/26/05
IS61NLF25636A/IS61NVF25636A
IS61NLF51218A/IS61NVF51218A
ISSI®
119-PIN PBGA PACKAGE CONFIGURATION
256K x 36 (TOP VIEW)
1234567
A
A
BWb
B
NC
C
NC
D
DQc
DQPc
Vss
E
DQc
DQc
Vss
F
VDDQ
DQc
G
DQc
DQc
H
DQc
DQc
J
VDDQ
VDD
K
DQd
DQd
L
DQd
DQd
M
VDDQ
DQd
N
DQd
DQd
Vss
P
NC
DQPd
R
A
CE2
MODE
A0*
A
A
A
VSS
VSS
VSS
VSS
BWd
VSS
VSS
VSS
NC
NC
VDD
VDD
VDD
VDD
NC
Vss
Vss
Vss
Vss
Vss
NC
CE2
NC
A
NC
T
U
VDDQ
NC
VDDQ
DQd
A
NC
TMS
TDI
A
A
BWc
TCK
A1*
CKE
NC
CLK
NC
WE
A
OE
CE
NC
ADV
TDO
A
NC
BWa
A
A
A
DQPa
DQa
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQPb
A
A
VDDQ
ZZ
DQa
DQa
VDDQ
DQa
DQa
VDDQ
DQb
DQb
VDDQ
DQb
DQb
NC
VDDQ
VSS
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTIONS
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control Input
CLK
Synchronous Clock
CKE
Clock Enable
CE
Synchronous Chip Select
CE2
Synchronous Chip Select
CE2
Synchronous Chip Select
BWx (x=a-d)
Synchronous Byte Write Inputs
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
VDD
Power Supply
VSS
Ground
NC
No Connect
DQa-DQd
Data Inputs/Outputs
DQPa-Pd
Parity Data I/O
VDDQ
Output Power Supply


Similar Part No. - IS61NLF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF25636 ISSI-IS61NLF25636 Datasheet
155Kb / 20P
   SRAM
More results

Similar Description - IS61NLF25636A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com