Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF102418A-6.5B2 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LF102418A-6.5B2
Description  256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF102418A-6.5B2 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LF102418A-6.5B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. E
04/21/06
ISSI®
IS61LF25672A IS61LF51236A IS61LF102418A
IS61VF25672A IS61VF51236A IS61VF102418A
119 BGA PACKAGE PIN CONFIGURATION
1MX18 (TOP VIEW)
Note: * A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
123456
7
A
VDDQ
AA
ADSP
AA
VDDQ
B
NC
A
A
ADSC
A
A
NC
C
NC
A
A
VDD
A
A
NC
D
DQb
NC
Vss
NC
Vss
DQPa
NC
E
NC
DQb
Vss
CE
Vss
NC
DQa
F
VDDQ
NC
Vss
OE
Vss
DQa
VDDQ
G
NC
DQb
BWb
ADV
Vss
NC
DQa
H
DQb
NC
Vss
GW
Vss
DQa
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb
Vss
CLK
Vss
NC
DQa
L
DQb
NC
Vss
NC
BWa
DQa
NC
M
VDDQ
DQb
Vss
BWE
Vss
NC
VDDQ
N
DQb
NC
Vss
A1*
Vss
DQa
NC
P
NC
DQPb
Vss
A0*
Vss
NC
DQa
R
NC
A
MODE
VDD
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
PIN DESCRIPTIONS
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance.
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE
Synchronous Chip Select
BWx (x=a,b) Synchronous Byte Write Controls
BWE
Byte Write Enable
Symbol
Pin Name
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQa-DQb
Data Inputs/Outputs
DQPa-Pb
Data Inputs/Outputs
VDD
Power Supply
VDDQ
Output Power Supply
Vss
Ground


Similar Part No. - IS61LF102418A-6.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102436A ISSI-IS61LF102436A Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3 ISSI-IS61LF102436A-6.5B3 Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3I ISSI-IS61LF102436A-6.5B3I Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQL ISSI-IS61LF102436A-6.5TQL Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQLI ISSI-IS61LF102436A-6.5TQLI Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF102418A-6.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com