Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LP6436A-166TQLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LP6436A-166TQLI
Description  64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LP6436A-166TQLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LP6436A-166TQLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LP6436A-166TQLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IS61LP6432A
IS61LP6436A
ISSI®
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
09/02/05
3.3V I/O AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
1ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
Figure 1
Figure 2
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.
3.3V I/O OUTPUT LOAD EQUIVALENT
ZO = 50
1.5V
50
OUTPUT
317
5 pF
Including
jig and
scope
351
OUTPUT
+3.3V


Similar Part No. - IS61LP6436A-166TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPD102418A ISSI-IS61LPD102418A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200B3 ISSI-IS61LPD102418A-200B3 Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200B3I ISSI-IS61LPD102418A-200B3I Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200TQ ISSI-IS61LPD102418A-200TQ Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200TQI ISSI-IS61LPD102418A-200TQI Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61LP6436A-166TQLI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Motorola, Inc
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com