Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-BD11-S0RYY Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-BD11-S0RYY
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BD11-S0RYY Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-BD11-S0RYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Agilent HLMP-ABxx, HLMP-BBxx, HLMP-
ADxx, HLMP-BDxx, HLMP-AGxx, HLMP-
BGxx, HLMP-ALxx, HLMP-BLxx,
HLMP-AMxx, HLMP-BMxx T-13/4 (5 mm)
Oval Precision Optical Performance
AlInGaP and InGaN Lamps
Data Sheet
Features
• Well defined spatial radiation
pattern
• Viewing angles:
Major axis 70°
Minor axis 35°
• High luminous output
• Red and Amber Intensity are
available for:
AlInGaP (Bright)
AlInGaP II (Brightest)
• Colors:
472 nm blue
526 nm green
626 nm red
630 nm red
590 nm amber
592 nm amber
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Viewing angle designed for wide
field of view application
• Red, green, and blue radiation
patterns matched for full color
sign
• Superior performance in outdoor
environments
Applications
• Full color/video signs
Description
These Precision Optical
Performance Oval LEDs are
specifically designed for full
color/video and passenger
information signs. The oval
shaped radiation pattern
(35
° x70°) and high luminous
intensity ensure that these
devices are excellent for wide
field of view outdoor application
where a wide viewing angle and
readability in sunlight are
essential. These lamps have very
smooth, matched radiation
patterns ensuring consistent
color mixing in full color
applications, message uniformity
across the viewing angle of the
sign.
High efficiency LED material is
used in these lamps: Aluminum
Indium Gallium Phosphide
(AlInGaP) for amber and red,
and Indium Gallium Nitride
(InGaN) for blue and green. Each
lamp is made with an advance
optical grade epoxy offering
superior high temperature and
high moisture resistance in
outdoor applications. The
package epoxy contains both
UV-A and UV-B inhibitors to
reduce the effects of long term
exposure to direct sunlight.
Designers can select parallel or
perpendicular orientation. Both
lamps are available in tinted
version.
CAUTION: The blue and green LEDs are Class 1 ESD sensitive. Please observe appropriate
precautions during handling and processing. Refer to Agilent Application Note AN-1142 for
additional details.


Similar Part No. - HLMP-BD11-S0RYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD16-NP0 AVAGO-HLMP-BD16-NP0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-NP0XX AVAGO-HLMP-BD16-NP0XX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-QRT AVAGO-HLMP-BD16-QRT Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-QRTXX AVAGO-HLMP-BD16-QRTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-RU0 AVAGO-HLMP-BD16-RU0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Similar Description - HLMP-BD11-S0RYY

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com