Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10AM11 Datasheet(PDF) 3 Page - GHz Technology

Part # 10AM11
Description  11 Watts, 20 Volts, Class A Linear to 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

10AM11 Datasheet(HTML) 3 Page - GHz Technology

  10AM11 Datasheet HTML 1Page - GHz Technology 10AM11 Datasheet HTML 2Page - GHz Technology 10AM11 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10AM11-1 (20V, 1.8A)
MMICAD for Windows Thu Jul 07 16:15:23 1994
CIRCUIT: MES
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100 0.98179 179.752 2.82166 85.6730 0.00874 9.20481 0.80057 -175.978
0.200 0.98069 179.102 1.43410 77.2668 0.00903 13.6561 0.80330 -178.403
0.300 0.98209 178.056 0.98044 69.5957 0.00957 17.0575 0.80418 -178.832
0.400 0.97967 177.348 0.76253 62.0014 0.01021 20.5524 0.80849 -179.288
0.500 0.97651 176.635 0.63968 54.3598 0.01096 23.3701 0.81156 -179.559
0.600 0.97150 175.857 0.56451 46.2659 0.01202 26.7440 0.81685 -179.883
0.700 0.96659 175.102 0.51999 37.4192 0.01292 24.2176 0.82087 179.972
0.800 0.95982 174.637 0.49642 27.8056 0.01435 22.0506 0.82435 179.861
0.900 0.94881 173.988 0.48973 16.7753 0.01547 16.9936 0.83090 -179.940
1.000 0.93315 173.434 0.49539 3.04422 0.01655 6.96269 0.84440 -179.447
1.100 0.91190 173.557 0.50396 -14.6576 0.01609 -7.03019 0.87035 -179.245
1.200 0.89333 174.797 0.49027 -37.4307 0.01364 -28.0882 0.91041 179.877
1.300 0.89975 176.597 0.42647 -63.1821 0.00831 -52.4521 0.94090 177.352
1.400 0.92525 177.490 0.32755 -86.9847 0.00286 -95.5215 0.94744 174.394
1.500 0.95083 176.992 0.23642 -105.909 0.00334 130.047 0.94022 172.216
1.600 0.96869 176.063 0.16929 -120.895 0.00686 108.575 0.92981 170.368
1.700 0.97913 174.893 0.12170 -133.233 0.00985 94.9925 0.91970 169.023
1.800 0.98477 173.596 0.08971 -144.343 0.01184 90.4368 0.91310 167.961
1.900 0.98801 172.498 0.06662 -154.473 0.01342 82.6840 0.90560 166.700
2.000 0.99083 171.354 0.05056 -166.029 0.01562 80.6189 0.89719 165.745


Similar Part No. - 10AM11

ManufacturerPart #DatasheetDescription
logo
GHz Technology
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
   5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
NXP Semiconductors
10AM20 NXP-10AM20 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
More results

Similar Description - 10AM11

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
   5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
List of Unclassifed Man...
10A030 ETC1-10A030 Datasheet
56Kb / 2P
   3 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10A015 GHZTECH-10A015 Datasheet
292Kb / 3P
   1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
10A060 GHZTECH-10A060 Datasheet
58Kb / 2P
   6 Watts, 20 Volts, Class A Linear to 1000 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
   1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
   0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
   2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
   0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com