Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDB22M18 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61DDB22M18
Description  36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB22M18 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB22M18 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61DDB22M18 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
2/22/05
ISSI®
36 Mb (1M x 36 & 2M x 18)
DDR-II (Burst of 2) CIO Synchronous SRAMs
Absolute Maximum Ratings
Item
Symbol
Rating
Units
Power supply voltage
VDD
-0.5 to 2.6
V
Output power supply voltage
VDDQ
-0.5 to 2.6
V
Input voltage
VIN
-0.5 to 2.6
V
Data out voltage
VDOUT
-0.5 to 2.6
V
Operating temperature
TA
0 to 70
° C
Junction temperature
TJ
110
° C
Storage temperature
TSTG
-55 to +125
° C
Note: Stresses greater than those listed in this table can cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions above those indicated in the operational sections of this datasheet is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - IS61DDB22M18

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M18A ISSI-IS61DDB22M18A Datasheet
760Kb / 29P
   Clock stop support
More results

Similar Description - IS61DDB22M18

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB42M36 ISSI-IS61DDB42M36 Datasheet
669Kb / 26P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
logo
GSI Technology
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com