Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C3216AL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C3216AL
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C3216AL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C3216AL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C3216AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
09/26/05
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS61C3216AL
FEATURES
• High-speed access time: 12 ns
• Low Active Power: 175 mW (typical)
• Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 44-pin SOJ package and
44-pin TSOP (Type II)
• Commercial and Industrial temperature ranges
available
• Lead-free available
DESCRIPTION
The
ISSI IS61C3216AL is high-speed, 512Kb static RAMs
organized as 32,768 words by 16 bits. They are fabricated
using
ISSI'shigh-performanceCMOStechnology.Thishighly
reliable process coupled with innovative circuit design tech-
niques, yields access times as fast as 12 ns with low power
consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IS61C3216AL is packaged in the JEDEC standard 44-
pin 400-mil SOJ and 44-pin TSOP (Type II).
FUNCTIONAL BLOCK DIAGRAM
SEPTEMBER 2005
A0-A14
CE
OE
WE
32K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
32K x 16 HIGH-SPEED CMOS STATIC RAM


Similar Part No. - IS61C3216AL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216-10K ISSI-IS61C3216-10K Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C3216-10K ICSI-IS61C3216-10K Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216-10T ISSI-IS61C3216-10T Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C3216-10T ICSI-IS61C3216-10T Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216AL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61C3216 ISSI-61C3216 Datasheet
50Kb / 3P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com