Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C64AL-10JLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61C64AL-10JLI
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64AL-10JLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61C64AL-10JLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61C64AL-10JLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
02/25/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
300-mil Plastic SOJ
Package Code: J
Notes:
1. Controlling dimension: inches, unless otherwise
specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash
protrusions and
shouldbemeasuredfromthebottomof
thepackage.
4. Formed leads shall be planar with respect to one
another within 0.004 inches at the seating plane.
MILLIMETERS
INCHES
Sym.
Min. Typ. Max.
Min. Typ. Max.
N0.
Leads
24/26
A
3.56
0.140
A1
0.64
0.025
A2
2.41
2.67
0.095
0.105
b
0.41
0.51
0.016
0.020
B
0.66
0.81
0.026
0.032
C
0.20
0.25
0.008
0.010
D
17.02
17.27
0.670
0.680
E
8.26
8.76
0.325
0.345
E1
7.49
7.75
0.295
0.305
E2
6.27
7.29
0.247
0.287
e
1.27 BSC
0.050 BSC
SEATING PLANE
1
N
E1
D
E2
E
b
e
A1
A
B
C
A2


Similar Part No. - IS61C64AL-10JLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL-10JLI ISSI-IS61C64AL-10JLI Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64AL-10JLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com