Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2989AIMX-1.8 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2989AIMX-1.8
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989AIMX-1.8 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2989AIMX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Hints (Continued)
This could cause problems if a 10 µF Y5V capacitor were
used on the output since it will drop down to approximately
5 µF at high ambient temperatures (which could cause the
LP2989LV to oscillate).
Another significant problem with Z5U and Y5V dielectric
devices is that the capacitance drops severely with applied
voltage. A typical Z5U or Y5V capacitor can lose 60% of its
rated capacitance with half of the rated voltage applied to it.
For these reasons, X7R and X5R type ceramic capaci-
tors must be used on the input and output of the
LP2989LV.
TANTALUM: Tantalum output capacitors are not recom-
mended for use with the LP2989LV because:
Tantalum capacitors are less desirable than ceramics for use
as output capacitors because they are typically more expen-
sive when comparing equivalent capacitance and voltage
ratings in the 1 µF to 10 µF range.
Another important consideration is that Tantalum capacitors
have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a Tantalum
capacitor with an ESR value within the stable range, it would
have to be larger in capacitance (which means bigger and
more costly) than a ceramic capacitor with the same ESR
value.
Most 10 µF Tantalum capacitors have ESR values higher
than the 0.5
Ω maximum limit required to make the
LP2989LV stable.
It should also be noted that the ESR of a typical Tantalum will
increase about 2:1 as the temperature goes from 25˚C down
to −40˚C, so some guard band must be allowed.
FILM: Polycarbonate and polypropelene film capacitors
have excellent electrical performance: their ESR is the low-
est of the three types listed, their capacitance is very stable
with temperature, and DC leakage currrent is extremely low.
One disadvantage is that film capacitors are larger in physi-
cal size than ceramic or tantalum which makes film a poor
choice for either input or output capacitors.
However, their low leakage makes them a good choice for
the noise bypass capacitor. Since the required amount of
capacitance is only .01 µF, small surface-mount film capaci-
tors are avalable in this size.
SHUTDOWN INPUT OPERATION
The LP2989LV is shut off by driving the Shutdown input low,
and turned on by pulling it high. If this feature is not to be
used, the Shutdown input should be tied to V
IN to keep the
regulator output on at all times.
To assure proper operation, the signal source used to drive
the Shutdown input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds listed in the
Electrical Characteristics section under V
ON/OFF.
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the
LP2989LV has an inherent diode connected between the
regulator output and input.
During normal operation (where the input voltage is higher
than the output) this diode is reverse-biased.
However, if the output is pulled above the input, this diode
will turn ON and current will flow into the regulator output.
In such cases, a parasitic SCR can latch which will allow a
high current to flow into V
IN (and out the ground pin), which
can damage the part.
In any application where the output may be pulled above the
input, an external Schottky diode must be connected from
V
IN to VOUT (cathode on VIN, anode on VOUT), to limit the
reverse voltage across the LP2989LV to 0.3V (see Absolute
Maximum Ratings).
www.national.com
9


Similar Part No. - LP2989AIMX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989AIMX-1.8/NOPB TI-LP2989AIMX-1.8/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
More results

Similar Description - LP2989AIMX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
   Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
[Old version datasheet]   LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com