Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1592B Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # MM1592B
Description  Low-Saturation 300mA Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1592B Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

  MM1592B Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1592B Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Characteristics (2.5V product Except where noted therwise, Ta=25°C, VIN=VO+2V, VCONT=VIN, CIN=1.0µF, CO=1.0µF)
Input Voltage-Output Voltage
No Load Input Current
0.0
3
15
4
2
0
Input Voltage VIN (V)
1.5
1.0
0.5
2.0
3.0
2.5
RL=8.3
RL=25
RL=2.5k
0.0
6
212
10
8
4
0
Input Voltage VIN (V)
3.0
2.0
1.0
5.0
4.0
RL=
Load Regulation
-30
200
50
300
250
100
150
0
Load Current IOUT (mA)
10
0
-10
-20
30
20
Line Regulation
Drop Voltage
-10
11
12
5678
13
910
4
Input Voltage VIN (V)
0
-5
10
5
RL=2.5k
0.00
200
300
500
400
100
0
IOUT (mA)
0.20
0.10
0.50
0.30
0.40
VIN=2.3V
Output Voltage(IO=0mA)
2.2
75 100
-25
150
125
025
50
-50
Ambient Temperature Ta (ºC)
2.5
2.4
2.3
2.7
2.6
RL=


Similar Part No. - MM1592B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1502 MITSUMI-MM1502 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1503 MITSUMI-MM1503 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1504 MITSUMI-MM1504 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1505 MITSUMI-MM1505 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
More results

Similar Description - MM1592B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
   Low-Saturation voltage 300mA LDO
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com