Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43R32400A Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43R32400A
Description  4Meg x 32 128-MBIT DDR SDRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R32400A Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43R32400A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R32400A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. 00D
02/15/06
ISSI®
IS43R32400A
A
B
C
D
E
F
G
H
J
K
L
M
DQS0
DQ4
DQ6
DQ7
DQ17
DQ19
DQS2
DQ21
DQ22
CAS
RAS
CS
DM0
VDDQ
DQ5
VDDQ
DQ16
DQ18
DM2
DQ20
DQ23
WE
NC
NC
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
NC
BA0
DQ3
VDDQ
VSSQ
VSS
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSS
BA1
A0
DQ2
DQ1
VSSQ
VSSQ
VSS
VSS
VSS
VSS
VSS
A10
A2
A1
DQ0
VDDQ
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDD
A11
A3
DQ31
VDDQ
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDD
A9
A4
DQ29
DQ30
VSSQ
VSSQ
VSS
VSS
VSS
VSS
VSS
NC
A5
A6
DQ28
VDDQ
VSSQ
VSS
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSS
NC
A7
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
CK
A8
DM3
VDDQ
DQ26
VDDQ
DQ15
DQ13
DM1
DQ11
DQ9
NC
CK
CKE
DQS3
DQ27
DQ25
DQ24
DQ14
DQ12
DQS1
DQ10
DQ8
NC
NC
VREF
1
2
3
4
5
6
7
8
9 10 11 12
PIN CONFIGURATION
PACKAGE CODE: B 144-BALL FBGA (Top View)
(12.00 mm x 12.00 mm Body, 0.8 mm Ball Pitch)
Note: Vss balls inside the dotted box are optional for purposes of thermal dissipation.


Similar Part No. - IS43R32400A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
IS43R32400D-4BL ISSI-IS43R32400D-4BL Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
IS43R32400D-4BLI ISSI-IS43R32400D-4BLI Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
IS43R32400D-5BL ISSI-IS43R32400D-5BL Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
IS43R32400D-5BLI ISSI-IS43R32400D-5BLI Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
More results

Similar Description - IS43R32400A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
logo
Etron Technology, Inc.
EM6AA320 ETRON-EM6AA320 Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com