Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43R16800A-6T Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS43R16800A-6T
Description  8Meg x 16 128-MBIT DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16800A-6T Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS43R16800A-6T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43R16800A-6T Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
04/04/06
ISSI®
IS43R16800A-6
DC ELECTRICAL CHARACTERISTICS (1,2,3,4,5) (VDD = 2.5V +/- 0.2V, TA = 0oC to +70oC)
Symbol Parameter
Test Condition
Unit
IDD0
Operating Current
One bank operation; Active-Precharge; DQ, DM and DQS
inputs change once per clock cycle; Address and Control
inputs change once per two clock cycles; tRC = tRC (min)
110
mA
IDD1
Operating Current
One bank operation; Active-Read-Precharge; BL = 4; CL = 2.5;
Address and Control inputs change once per clock cycle;
tRCDRD = 4 x tCK; tRC = tRC (min); IOUT = 0mA;
140
mA
IDD2P
Precharge Power-Down
All banks Idle; CKE
VIL
3mA
Standby Current
IDD2F
Floating Idle
CKE
VIH; CS VIH; DQ, DQS, DM = VREF
35
mA
Standby Current
IDD2Q
Quiet Idle
All banks idle; Address and control inputs change once per
Standby Current
clock cycle; CKE = High;
CS = High (Deselect); VIN = VREF
for DQ, DQS, and DM; tCK = tCK (min)
30
mA
IDD3P
Active Power-Down
One bank Active; CKE = Low; tCK = tCK (min)
20
mA
Standby Current
IDD3N
Active Standby Current
One bank Active;
CS = High; CKE = High; Address and
Control inputs change once per clock cycle; DQ, DQS, and
DM change twice per clock cycle; tRC = tRC (max);
55
mA
IDD4R
Operating Current
One bank Active; CKE
VIH; BL = 2; Address and Control inputs
Burst Read
change once per clock cycle; tCK = tCK (min); IOUT = 0mA;
205
mA
CL = 2.5
IDD4W
Operating Current
One bank Active; BL = 2; Address and Control inputs change
Burst Write
once per clock cycle; DQ, DQS, DM change twice per clock
cycle; CKE
VIH; CL = 2.5
205
mA
IDD5
Auto Refresh Current
tRC = tRFC (min); Input
VIL or VIH
200
mA
IDD6
Self Refresh Current
Input
≥ VDD-0.2V; Input 0.2V
3
mA
IDD7
Operating Current
Four bank interleaved Reads with Auto Precharge; BL = 4;
Address and Controls inputs change per Read, Write, or
Active command; one bank with tRC = tRC (min)
350
mA
Notes:
1. Operating outside the “Absolute Maximum Ratings” may lead to temporary or permanent device failure.
2. Power up sequence describe in “Initialization” section.
3. All voltages are referenced to VSS.
4. IDD tested without DQ pins connected.
5. IDD values tested with tCK = tCK (min).
CAPACITANCE CHARACTERISTICS (At TA = 0 to +25°C, VDD = VDDQ = 2.5V, f = 100 MHz)
Symbol
Parameter
Min.
Max.
Unit
CIN1
Input Capacitance: CK and
CK
23
pF
CIN2
Input Capacitance: All other input pins
2
3
pF
CIN3
Data Mask Input/Output Capacitance: LDM/UDM
3.8
4.8
pF
COUT
Data Input/Output Capacitance: DQs and LDQS/UDQS
3.8
4.8
pF


Similar Part No. - IS43R16800A-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A1-5TL ISSI-IS43R16800A1-5TL Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
More results

Similar Description - IS43R16800A-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
IS43R16320A ISSI-IS43R16320A Datasheet
235Kb / 18P
   32Meg x 16 512-MBIT DDR SDRAM
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
   16Meg x 16 256-MBIT DDR SDRAM
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
logo
Integrated Silicon Solu...
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com