Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43R16320A Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS43R16320A
Description  32Meg x 16 512-MBIT DDR SDRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16320A Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS43R16320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
03/22/06
ISSI®
IS43R16320A
PIN CONFIGURATIONS
66 pin TSOP - Type II for x16
PIN DESCRIPTIONS
A0-A12
Row Address Input
A0-A9
Column Address Input
BA0, BA1
Bank Select Address
DQ0 to DQ15
Data I/O
CK, CK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
DNU
LDM
WE
CAS
RAS
CS
NC
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
WE
Write Enable
LDM, UDM
x16 Input Mask
LDQS, UDQS
Data Strobe
VDD
Power
Vss
Ground
VDDQ
Power Supply for I/O Pin
VssQ
Ground for I/O Pin
VREF
Input Reference Voltage
DNU
Do Not Use
NC
No Connection


Similar Part No. - IS43R16320A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Integrated Silicon Solu...
IS43R16320E ISSI-IS43R16320E Datasheet
1,006Kb / 33P
   Auto Refresh and Self Refresh Modes
More results

Similar Description - IS43R16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
   16Meg x 16 256-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
logo
Infineon Technologies A...
HYB18T512400AF INFINEON-HYB18T512400AF Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512161B2F QIMONDA-HYB18T512161B2F Datasheet
1Mb / 37P
   512-Mbit x16 DDR2 SDRAM
HYB18T512161BF QIMONDA-HYB18T512161BF Datasheet
2Mb / 41P
   512-Mbit x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com