Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA206AIDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA206AIDR
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206AIDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA206AIDR Datasheet HTML 3Page - Texas Instruments INA206AIDR Datasheet HTML 4Page - Texas Instruments INA206AIDR Datasheet HTML 5Page - Texas Instruments INA206AIDR Datasheet HTML 6Page - Texas Instruments INA206AIDR Datasheet HTML 7Page - Texas Instruments INA206AIDR Datasheet HTML 8Page - Texas Instruments INA206AIDR Datasheet HTML 9Page - Texas Instruments INA206AIDR Datasheet HTML 10Page - Texas Instruments INA206AIDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
12
11
10
9
8
7
6
5
4
3
2
1
0
05
10
15
20
Output Current (mA)
POSITIVE OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
25
30
V
S =12V
+25
_C
+25
_C
−40_C
−40_C
+125
_C
+125
_C
Sourcing Current
V
S =3V
Sourcing Current
Output stage is designed
to source current. Current
sinking
capability
is
approximately 400
µA.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
01
2
3
45
6
7
Output Voltage (V)
QUIESCENT CURRENT vs OUTPUT VOLTAGE
89
10
2.50
2.25
2.00
1.75
1.50
1.25
1.00
−16 −12 −8 −40
4
812
16
20 24 28
V
CM (V)
QUIESCENT CURRENT
vs COMMON−MODE VOLTAGE
32
36
V
SENSE =0mV:
V
S = 12V
V
S =2.7V
V
SENSE =100mV:
V
S =12V
V
S =2.7V
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
Supply Voltage (V)
OUTPUT SHORT−CIRCUIT CURRENT
vs SUPPLY VOLTAGE
11.5 17
18
−40_C
+25_C
+125
_C
STEP RESPONSE
Time (2
µs/div)
G= 20
V
SENSE = 10mV to 20mV
Time (2
µs/div)
G= 20
STEP RESPONSE
V
SENSE = 10mV to 100mV


Similar Part No. - INA206AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206AIDR TI1-INA206AIDR Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206AIDRG4 TI1-INA206AIDRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA206AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com