Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43R16160A-6T Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS43R16160A-6T
Description  16Meg x 16 256-MBIT DDR SDRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16160A-6T Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS43R16160A-6T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16160A-6T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00B
11/28/05
ISSI®
IS43R16160A
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 256
x32 bit
Row decoder
Memory array
Bank 1
Row decoder
Memory array
Bank 2
Row decoder
Memory array
Bank 3
Input buffer
Output buffer
DQ0-DQ15
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A12, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
DLL
Strobe
Gen.
Data Strobe
CK, CK
DQS
8192 x 256
x 32 bit
8192 x 256
x 32 bit
8192 x 256
x 32 bit
16M x 16
Capacitance*
TA = 0 to 70°C, VCC = 2.5V ± 0.2V, VCC = 2.6V ± 0.1V
for DDR400, f = 1 Mhz
*Note: Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70 °C
Storage temperature range ................-55 to 150 °C
VDDSupply Voltage Relative to VSS.....-1V to +3.6V
VDDQ Supply Voltage Relative to VSS
......................................................-1V to +3.6V
VREF and Inputs Voltage Relative to VSS
......................................................-1V to +3.6V
I/O Pins Voltage Relative to VSS
..........................................-0.5V to VDDQ+0.5V
Power dissipation .......................................... 1.6 W
Data out current (short circuit) ...................... 50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Input Capacitance
Symbol
Min Max Unit
BA0, BA1, CKE, CS, RAS, (CAS,
A0-A11, WE)
CINI
23.0
pF
Input Capacitance (CK, CK)CIN2
23.0
pF
Data & DQS I/O Capacitance
COUT
45
pF
Input Capacitance (DM)
CIN3
45.0
pF


Similar Part No. - IS43R16160A-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS43R16160-5TL ISSI-IS43R16160-5TL Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS43R16160-6TL ISSI-IS43R16160-6TL Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS43R16160-75TL ISSI-IS43R16160-75TL Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS43R16160B ISSI-IS43R16160B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
More results

Similar Description - IS43R16160A-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS43R16320A ISSI-IS43R16320A Datasheet
235Kb / 18P
   32Meg x 16 512-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
logo
Mosel Vitelic, Corp
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
logo
Integrated Silicon Solu...
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com