Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR244NG00502CE-2-CSA Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR244NG00502CE-2-CSA
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR244NG00502CE-2-CSA Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR244NG00502CE-2-CSA Datasheet HTML 1Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 2Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 3Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 4Page - Fujitsu Component Limited. FBR244NG00502CE-2-CSA Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
FBR244 SERIES
NOT
FOR
NEW
DESIGNS
Japan
Fujitsu Takamisawa Component Limited
Global Marketing and Sales
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
North and South America
Fujitsu Takamisawa America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Europe
Fujitsu Takamisawa Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Asia Pacific
Fujitsu Takamisawa Asia Pacific Pte. Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 375-8560
Fax: (65) 273-3021
Fujitsu Takamisawa
International
Headquarter
Offices
www.fujitsu.takamisawa.com


Similar Part No. - FBR244NG00502CE-2-CSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
RFE international
FBR200F RFE-FBR200F Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FBR200UF RFE-FBR200UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
First Components Intern...
FBR20100 FCI-FBR20100 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
FBR20100 FCI-FBR20100 Datasheet
70Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR244NG00502CE-2-CSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com