Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS16100C1-10TI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS42VS16100C1-10TI
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16100C1-10TI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16100C1-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
IS42VS16100C1
ISSI®
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00A
04/15/05
OPERATING FREQUENCY / LATENCY RELATIONSHIPS
SYMBOL PARAMETER
-10
-10
UNITS
Clock Cycle Time
10
12
ns
Operating Frequency (
CAS Latency = 3)
100
83
MHz
tCAC
CAS Latency
3
2/3
cycle
tRCD
Active Command To Read/Write Command Delay Time
3
2
cycle
tRAC
RAS Latency (tRCD + tCAC)
6
4
cycle
tRC
Command Period (REF to REF / ACT to ACT)
10
8
cycle
tRAS
Command Period (ACT to PRE)
5
5
cycle
tRP
Command Period (PRE to ACT)
3
2
cycle
tRRD
Command Period (ACT[0] to ACT [1])
2
2
cycle
tCCD
Column Command Delay Time
1
1
cycle
(READ, READA, WRIT, WRITA)
tDPL
Input Data To Precharge Command Delay Time
2
2
cycle
tDAL
Input Data To Active/Refresh Command Delay Time
5
4
cycle
(During Auto-Precharge)
tRBD
Burst Stop Command To Output in HIGH-Z Delay Time
CAS Latency = 3
3
3
cycle
(Read)
CAS Latency = 2
2
tWBD
Burst Stop Command To Input in Invalid Delay Time
0
0
cycle
(Write)
tRQL
Precharge Command To Output in HIGH-Z Delay Time
CAS Latency = 3
3
3
cycle
(Read)
CAS Latency = 2
2
tWDL
Precharge Command To Input in Invalid Delay Time
0
0
cycle
(Write)
tPQL
Last Output To Auto-Precharge Start Time (Read)
CAS Latency = 3
-2
-2
cycle
CAS Latency = 2
-1
tQMD
DQM To Output Delay Time (Read)
2
2
cycle
tDMD
DQM To Input Delay Time (Write)
0
0
cycle
tMRD
Mode Register Set To Command Delay Time
2
2
cycle
AC TEST CONDITIONS (Input/Output Reference Level: 0.9V)
I/O
50
0.5 x VDDQ V
30 pF
Output Load
Input
tOH
tAC
0.9V
0.9V
tCH
tCS
tCK
tCHI
tCL
1.8V
0.9V
0.0V
1.8V
0.9V
0.0V
CLK
INPUT
OUTPUT


Similar Part No. - IS42VS16100C1-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10BL ISSI-IS42VS16100E-10BL Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10BLI ISSI-IS42VS16100E-10BLI Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10TL ISSI-IS42VS16100E-10TL Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10TLI ISSI-IS42VS16100E-10TLI Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
More results

Similar Description - IS42VS16100C1-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com