Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS16100C1-10TI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42VS16100C1-10TI
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16100C1-10TI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16100C1-10TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16100C1-10TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
IS42VS16100C1
ISSI®
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00A
04/15/05
DC ELECTRICAL CHARACTERISTICS (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Min.
Max.
Unit
ICC1
Operating Current(1,2)
One Bank Operation,
CAS Latency = 3
35
mA
Burst Length=1
tRC
≥ tRC (min.)
CAS Latency = 2
40
IOUT = 0mA
ICC2P
Precharge Standby Current
CKE
≤ VIL (MAX)tCK = 10 ns
0.3
mA
(In Power-Down Mode)
ICC2PS
Precharge Standby Current
CKE
≤ VIL (MAX)tCK = ∞
0.3
mA
(In Power-Down Mode)
CLK
≤ VIL (MAX)
ICC2N
Active Standby Current(3)
CKE
≥ VIH (MIN)tCK = 10 ns
6
mA
(In Non Power-Down Mode)
CS
≥ VIH (MIN),
ICC2NS
Active Standby Current
CKE
≥ VIH (MIN)tCK = ∞
—2
mA
(In Non Power-Down Mode)
Inputs are stable
ICC3P
Active Standby Current
CKE
≤ VIL (MAX)tCK = 10 ns
6
mA
(In Non Power-Down Mode)
ICC3PS
Active Standby Current
CKE
≤ VIL (MAX)tCK = ∞
—5
mA
(In Non Power-Down Mode)
CLK
≤ VIL (MAX)
ICC3N
Active Standby Current(3)
CKE
≥ VIH (MIN)tCK = 10 ns
12
mA
(In Non Power-Down Mode)
CS
≥ VIH (MIN)
ICC3NS
Active Standby Current
CKE
≥ VIH (MIN)tCK = ∞
—10
mA
(In Non Power-Down Mode)
CLK
≤ VIL (MAX)
Inputs are stable
ICC4
Operating Current
tCK = tCK (MIN)
CAS latency = 2, 3
50
mA
(In Burst Mode)(1,3)
IOUT = 0mA
Page Burst
4 Banks activated
ICC5
Auto-Refresh Current
tRC = tRC (MIN)
CAS latency = 2, 3
40
mA
ICC6
Self-Refresh Current
CKE
≤ 0.2V
170
µA
Notes:
1. These are the values at the minimum cycle time. Since the currents are transient, these values decrease as the cycle time
increases. Also note that a bypass capacitor of at least 0.01 µF should be inserted between VDD and Vss for each memory
chip to suppress power supply voltage noise (voltage drops) due to these transient currents.
2. Icc1 and Icc4 depend on the output load. The maximum values for Icc1 and Icc4 are obtained with the output open state.
3. Inputs changed once every two clocks.


Similar Part No. - IS42VS16100C1-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10BL ISSI-IS42VS16100E-10BL Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10BLI ISSI-IS42VS16100E-10BLI Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10TL ISSI-IS42VS16100E-10TL Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
IS42VS16100E-10TLI ISSI-IS42VS16100E-10TLI Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
More results

Similar Description - IS42VS16100C1-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com