Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16160B-7T Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42S16160B-7T
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16160B-7T Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42S16160B-7T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16160B-7T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
ISSI®
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00E
05/25/06
IS42S83200B,
IS42S16160B
DEVICE OVERVIEW
The 256Mb SDRAM is a high speed CMOS, dynamic
random-access memory designed to operate in 3.3V VDD
and 3.3V VDDQ memory systems containing 268,435,456
bits. Internally configured as a quad-bank DRAM with a
synchronous interface. Each 67,108,864-bit bank is orga-
nized as 8,192 rows by 512 columns by 16 bits or 8,192 rows
by 1,024 columns by 8 bits.
The 256Mb SDRAM includes an AUTO REFRESH MODE,
and a power-saving, power-down mode. All signals are
registered on the positive edge of the clock signal, CLK. All
inputs and outputs are LVTTL compatible.
The 256Mb SDRAM has the ability to synchronously burst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during burst
access.
A self-timed row precharge initiated at the end of the burst
sequence is available with the AUTO PRECHARGE func-
tion enabled. Precharge one bank while accessing one of the
other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting at
a selected location and continuing for a programmed num-
ber of locations in a programmed sequence. The registra-
tion of an ACTIVE command begins accesses, followed by
a READ or WRITE command. The ACTIVE command in
conjunction with address bits registered are used to select
the bank and row to be accessed (BA0, BA1 select the
bank; A0-A12 select the row).
The READ or WRITE
commands in conjunction with address bits registered are
used to select the starting column location for the burst
access.
Programmable READ or WRITE burst lengths consist of 1,
2, 4 and 8 locations or full page, with a burst terminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
A12
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQML
DQMH
DQ 0-15
VDD/VDDQ
Vss/VssQ
13
13
9
13
13
9
16
16
16
16
512
(x 16)
8192
8192
8192
8192
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 4MX16X4 BANKS SHOWN)


Similar Part No. - IS42S16160B-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160B-7T ISSI-IS42S16160B-7T Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160B-7TL ISSI-IS42S16160B-7TL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160B-7TLI ISSI-IS42S16160B-7TLI Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16160B-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com