Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16105B-60KLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS41LV16105B-60KLI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16105B-60KLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS41LV16105B-60KLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16105B-60KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. B
04/18/05
IS41LV16105B
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
3.3V
–0.5 to +4.6
V
VDD
Supply Voltage
3.3V
–0.5 to +4.6
V
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
°C
Extended Temperature
–30 to +85
°C
Industrial Temperature
–40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.3V
3.0
3.3
3.6
V
VIH
Input High Voltage
3.3V
2.0
VDD + 0.3
V
VIL
Input Low Voltage
3.3V
–0.3
0.8
V
TA
Commercial Ambient Temperature
0
+70
°C
Extended Ambient Temperature
–30
+85
°C
Industrial Ambient Temperature
–40
+85
°C
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A9
5
pF
CIN2
Input Capacitance:
RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz,


Similar Part No. - IS41LV16105B-60KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16105 ICSI-IS41LV16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50K ICSI-IS41LV16105-50K Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50KI ICSI-IS41LV16105-50KI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50T ICSI-IS41LV16105-50T Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50TI ICSI-IS41LV16105-50TI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16105B-60KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com