Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S32200C1-6TL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S32200C1-6TL
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32200C1-6TL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S32200C1-6TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32200C1-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
IS42S32200C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. 00E
05/18/06
PIN FUNCTIONS
Symbol
Pin No. (TSOP)
Type
Function (In Detail)
A0-A10
25 to 27
Input Pin
Address Inputs: A0-A10 are sampled during the ACTIVE
60 to 66
command (row-address A0-A10) and READ/WRITE command (A0-A7
24
with A10 defining auto precharge) to select one location out of the memory array
in the respective bank. A10 is sampled during a PRECHARGE command to
determine if all banks are to be precharged (A10 HIGH) or bank selected by
BA0, BA1 (LOW). The address inputs also provide the op-code during a LOAD
MODE REGISTER command.
BA0, BA1
22,23
Input Pin
Bank Select Address: BA0 and BA1 defines which bank the ACTIVE, READ,
WRITE or PRECHARGE command is being applied.
CAS
18
Input Pin
CAS, in conjunction with the RAS and WE, forms the device command. See the
"Command Truth Table" for details on device commands.
CKE
67
Input Pin
The CKE input determines whether the CLK input is enabled. The next rising edge
of the CLK signal will be valid when is CKE HIGH and invalid when LOW. When
CKE is LOW, the device will be in either power-down mode, clock suspend mode,
or self refresh mode. CKE is an asynchronous input.
CLK
68
Input Pin
CLK is the master clock input for this device. Except for CKE, all inputs to this
device are acquired in synchronization with the rising edge of this pin.
CS
20
Input Pin
The
CS input determines whether command input is enabled within the device.
Command input is enabled when
CS is LOW, and disabled with CS is HIGH. The
device remains in the previous state when
CS is HIGH.
DQ0 to
2, 4, 5, 7, 8, 10,11,13
DQ Pin
DQ0 to DQ15 are DQ pins. DQ through these pins can be controlled in byte units
DQ31
74,76,77,79,80,82,83,85
using the DQM0-DQM3 pins
45,47,48,50,51,53,54,56
31,33,34,36,37,39,40,42
DQM0
16,28,59,71
Input Pin
DQMx control thel ower and upper bytes of the DQ buffers. In read mode,
DQM3
the output buffers are place in a High-Z state. During a WRITE cycle the input data is
masked. When DQMx is sampled HIGH and is an input mask signal for write accesses
and an output enable signal for read accesses. DQ0 through DQ7 are controlled by
DQM0. DQ8 throughDQ15 are controlled by DQM1. DQ16 through DQ23 are
controlled by DQM2. DQ24 through DQ31 are controlled by DQM3.
RAS
19
Input Pin
RAS, in conjunction with CAS and WE, forms the device command. See the "Command
Truth Table" item for details on device commands.
WE
17
Input Pin
WE, in conjunction with RAS and CAS, forms the device command. See the "Command
Truth Table" item for details on device commands.
VDDQ
3,9,35,41,49,55,75,81
Supply Pin
VDDQ is the output buffer power supply.
VDD
1,15,29,43
Supply Pin
VDD is the device internal power supply.
GNDQ
6,12,32,38,46,52,78,84
Supply Pin
GNDQ is the output buffer ground.
GND
44,58,72,86
Supply Pin
GND is the device internal ground.


Similar Part No. - IS42S32200C1-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200C1-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com