Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90098APF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90098APF
Description  On-Screen Display Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90098APF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90098APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90098APF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
MB90098A
8
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
(VSS
= 0 V, Ta = 0 to 70 °C)
2.
Input/Output Pin Capacitance
Parameter
Symbol
Pin
Conditions
Values
Unit
Min.
Typ.
Max.
“H” level
output voltage
VOH
All output
pins
VDD
= 3.3 V
IOH
= −8.0 mA
VDD
− 0.5

V
“L” level
output voltage
VOL
All output
pins
VDD
= 3.3 V
IOL
= 8.0 mA

0.4
V
Pull-up resistance
RP
CS, SIN,
SCLK,
RESET,
TEST
VDD
= 3.3 V
25
50
200
k
Input leak current
IIL
DCLKI
HSYNC
VSYNC
DISP
VI
= 0 V to VDD
−0.5
5.0
µA
Power supply current
IDD
VDD
VDD
= 3.6 V
Dot clock 140 MHz

95
mA
VDD
= 3.6 V
Dot clock 100 MHz

70
mA
VDD
= 3.6 V
Dot clock 60 MHz

45
mA
VDD
= 3.6 V
Dot clock 10 MHz

15
mA
Parameter
Symbol
Measurement conditions
Values
Unit
Min.
Max.
Input pins
CIN
VI
= 0 V, VDD = 0 V
f
= 1 MHz, Ta = 25 °C
16
pF
Output pins
COUT
16
pF


Similar Part No. - MB90098APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90091 FUJITSU-MB90091 Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091A FUJITSU-MB90091A Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091AP FUJITSU-MB90091AP Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091APF FUJITSU-MB90091APF Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90092 FUJITSU-MB90092 Datasheet
568Kb / 49P
   ON-Screen Display Controller (OSDC-360)
More results

Similar Description - MB90098APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com