Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16400C1-7TI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42S16400C1-7TI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400C1-7TI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42S16400C1-7TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400C1-7TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
IS42S16400C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. E
10/25/05
PIN FUNCTIONS
Symbol
Pin No.
Type
Function (In Detail)
A0-A11
23 to 26
Input Pin
Address Inputs: A0-A11 are sampled during the ACTIVE
29 to 34
command (row-address A0-A11) and READ/WRITE command (A0-A7
22, 35
with A10 defining auto precharge) to select one location out of the memory array
in the respective bank. A10 is sampled during a PRECHARGE command to
determine if all banks are to be precharged (A10 HIGH) or bank selected by
BA0, BA1 (LOW). The address inputs also provide the op-code during a LOAD
MODE REGISTER command.
BA0, BA1
20, 21
Input Pin
Bank Select Address: BA0 and BA1 defines which bank the ACTIVE, READ,
WRITE or PRECHARGE command is being applied.
CAS
17
Input Pin
CAS, in conjunction with the RAS and WE, forms the device command. See the
"Command Truth Table" for details on device commands.
CKE
37
Input Pin
The CKE input determines whether the CLK input is enabled. The next rising edge
of the CLK signal will be valid when is CKE HIGH and invalid when LOW. When
CKE is LOW, the device will be in either power-down mode, clock suspend mode,
or self refresh mode. CKE is an asynchronous input.
CLK
38
Input Pin
CLK is the master clock input for this device. Except for CKE, all inputs to this
device are acquired in synchronization with the rising edge of this pin.
CS
19
Input Pin
The
CS input determines whether command input is enabled within the device.
Command input is enabled when
CS is LOW, and disabled with CS is HIGH. The
device remains in the previous state when
CS is HIGH.
DQ0 to
2, 4, 5, 7, 8, 10,
DQ Pin
DQ0 to DQ15 are I/O pins. I/O through these pins can be controlled in byte units
DQ15
11,13, 42, 44, 45,
using the LDQM and UDQM pins.
47, 48, 50, 51, 53
LDQM,
15, 39
Input Pin
LDQM and UDQM control the lower and upper bytes of the I/O buffers. In read
UDQM
mode, LDQM and UDQM control the output buffer. When LDQM or UDQM is LOW, the
corresponding buffer byte is enabled, and when HIGH, disabled. The outputs go to the
HIGH impedance state when LDQM/UDQM is HIGH. This function corresponds to
OE
in conventional DRAMs. In write mode, LDQM and UDQM control the input buffer.
When LDQM or UDQM is LOW, the corresponding buffer byte is enabled, and data can
be written to the device. When LDQM or UDQM is HIGH, input data is masked and
cannot be written to the device.
RAS
18
Input Pin
RAS, in conjunction with CAS and WE, forms the device command. See the "Command
Truth Table" item for details on device commands.
WE
16
Input Pin
WE, in conjunction with RAS and CAS, forms the device command. See the "Command
Truth Table" item for details on device commands.
VDDQ
3, 9, 43, 49
Power Supply Pin
VDDQ is the output buffer power supply.
VDD
1, 14, 27
Power Supply Pin
VDD is the device internal power supply.
GNDQ
6, 12, 46, 52
Power Supply Pin
GNDQ is the output buffer ground.
GND
28, 41, 54
Power Supply Pin
GND is the device internal ground.


Similar Part No. - IS42S16400C1-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S16400 ICSI-IS42S16400 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400C1-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com