Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16100B-60TLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41LV16100B-60TLI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16100B-60TLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16100B-60TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41LV16100B-60TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IS41LV16100B
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
04/13/05
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWP
Write Command Pulse Width(17)
8—
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
13
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8—
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
40
ns
tOEH
OE Hold Time from WE during
14
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
ns
tDH
Data-In Hold Time(15,22)
8—
15
ns
tRWC
READ-MODIFY-WRITE Cycle Time
110
155
ns
tRWD
RAS to WE Delay Time during
65
85
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
40
ns
tAWD
Column-Address to
WE Delay Time(14)
40
55
ns
tPC
EDO Page Mode READ or WRITE
30
40
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—30
35
ns
tPRWC
EDO Page Mode READ-WRITE
56
56
ns
Cycle Time(24)
tCOH
Data Output Hold after
CAS LOW
5—
5—
ns
tOFF
Output Buffer Turn-Off Delay from
3
12
3
15
ns
CAS or RAS(13,15,19,29)
tWHZ
Output Disable Delay from
WE
310
3
15
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—
5—
ns
tCHR
CAS Hold Time (CBR REFRESH)(30,21)
8—
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period (1,024 Cycles)
16
16
ms
tT
Transition Time (Rise or Fall)(2, 3)
350
3
50
ns


Similar Part No. - IS41LV16100B-60TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100B-60TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com