Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV85120-60KI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41LV85120-60KI
Description  512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV85120-60KI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41LV85120-60KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41LV85120-60KI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IS41C85120
IS41LV85120
ISSI®
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00B
09/25/01
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-35
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWP
Write Command Pulse Width(17)
5
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
8
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)30
40
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
ns
tDH
Data-In Hold Time(15, 22)
6
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
80
140
ns
tRWD
RAS to WE Delay Time during
45
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
25
36
ns
tAWD
Column-Address to
WE Delay Time(14)
30
49
ns
tPC
EDO Page Mode READ or WRITE
12
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
35
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
21
34
ns
tPRWC
EDO Page Mode READ-WRITE
40
56
ns
Cycle Time(24)
tCOH/tDOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
315
3
15
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
8
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (1024 Cycles)
16
16
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns


Similar Part No. - IS41LV85120-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B-60K ISSI-IS41LV85120B-60K Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B-60KL ISSI-IS41LV85120B-60KL Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV85120-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C4100 ISSI-IS41C4100 Datasheet
143Kb / 19P
   1Meg x 4 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com