Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C128-2PI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS25C128-2PI
Description  128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C128-2PI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS25C128-2PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C128-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Advanced Information
Rev. 00E
06/13/06
IS25C128
IS25C256
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
128K-bit/ 256K-bit SPI SERIAL
ELECTRICALLY ERASABLE PROM
FEATURES
• Serial Peripheral Interface (SPI) Compatible
— Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low power CMOS
— Active current less than 3.0 mA (2.5V)
— Standby current less than 20 µA (2.5V)
• Low-voltage Operation
— Vcc = 1.8V to 5.5V
• Block Write Protection
— Protect 1/4, 1/2, or Entire Array
• 64 byte page write mode
— Partial page writes allowed
• 2.1 MHz Clock Rate (5V)
• Self timed write cycles
— 5ms max @ 2.5V
• High-reliability
— Endurance: 1,000,000 cycles per byte
— Data retention: 100 years
• 8-pin JEDEC SOIC, 8-pin EIAJ SOIC, and 8-pin PDIP
packages available
• Industrial and Automotive temperature ranges
• Lead-free available
Advanced Information
JULY 2006
DESCRIPTION
The IS25C128 and IS25C256 are electrically erasable
PROM devices that use the Serial Peripheral Interface
(SPI) for communications. The IS25C128 is 128Kbit
(16K x 8) and the IS25C256 is 256Kbit (32K x 8). The
IS25C128/256 EEPROMs are offered in a wide
operating voltage range of 1.8V to 5.5V for compatibility
with most application voltages. ISSI designed the
IS25C128/256 to be an efficient SPI EEPROM solution.
The devices are packaged in 8-pin JEDEC SOIC, 8-pin
EIAJ SOIC, and 8-pin PDIP.
The functional features of the IS25C128/256 allow them
to be among the most advanced serial non-volatile
memories available. Each device has a Chip-Select
(
CS) pin, and a 3-wire interface of Serial Data In (SI),
Serial Data Out (SO), and Serial Clock (SCK). While
the 3-wire interface of the IS25C128/256 provides for
high-speed access, a
HOLD pin allows the memories to
ignore the interface in a suspended state; later the
HOLD pin re-activates communication without re-
initializing the serial sequence. A Status Register
facilitates a flexible write protection mechanism, and a
device-ready bit (
RDY).


Similar Part No. - IS25C128-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A-2GLI ISSI-IS25C128A-2GLI Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A-2PLI ISSI-IS25C128A-2PLI Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A-2ZLI ISSI-IS25C128A-2ZLI Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A-3GLI ISSI-IS25C128A-3GLI Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C128-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com