Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV8200-60J Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41LV8200-60J
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV8200-60J Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41LV8200-60J Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV8200-60J Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. B
06/22/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
IS41C8200
IS41LV8200
ISSI®
FEATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs
• Refresh Interval:
-- 2,048 cycles/32 ms
• Refresh Mode:
RAS-Only,
CAS-before-RAS (CBR), and Hidden
• Single power supply:
5V±10% or 3.3V ± 10%
• Byte Write and Byte Read operation via two
CAS
• Industrial temperature range -40°C to 85°C
DESCRIPTION
The
ISSI IS41C8200andIS41LV8200are2,097,152x8-bithigh-
performance CMOS Dynamic Random Access Memory.
These devices offer an accelarated cycle access called
EDO Page Mode. EDO Page Mode allows 2,048 random
accesses within a single row with access cycle time as
short as 20 ns per 4-bit word.
These features make the IS41C8200 and IS41LV8200
ideally suited for high-bandwidth graphics, digital signal
processing, high-performance computing systems, and
peripheral applications.
The IS41C8200 and IS41LV8200 are packaged in 28-pin
300-mil SOJ with JEDEC standard pinouts.
2M x 8 (16-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
JUNE 2001
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
RAS Access Time (tRAC)50
60
ns
CAS Access Time (tCAC)13
15
ns
Column Address Access Time (tAA)
25
30
ns
EDO Page Mode Cycle Time (tPC)
20
25
ns
Read/Write Cycle Time (tRC)
84
104
ns
PRODUCT SERIES OVERVIEW
Part No.
Refresh
Voltage
IS41C8200
2K
5V ± 10%
IS41LV8200
2K
3.3V ± 10%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
I/O0
I/O1
I/O2
I/O3
WE
RAS
NC
A10
A0
A1
A2
A3
VCC
GND
I/O7
I/O6
I/O5
I/O4
CAS
OE
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A10
Address Inputs
I/O0-7
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
28 Pin SOJ


Similar Part No. - IS41LV8200-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV8205-50J ISSI-IS41LV8205-50J Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV8205-50JI ISSI-IS41LV8205-50JI Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV8205-60J ISSI-IS41LV8205-60J Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV8205-60JI ISSI-IS41LV8205-60JI Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV8200-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com