Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS34C02-2ZI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS34C02-2ZI
Description  2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS34C02-2ZI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS34C02-2ZI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS34C02-2ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
ADVANCED INFORMATION
Rev. 00E
01/12/05
IS34C02
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published
information and before placing orders for products.
2K-bit 2-WIRE SERIAL CMOS EEPROM
with Permanent Write-Protection
FEATURES
• Two-Wire Serial Interface, I2CTM compatible
– Bidirectional data transfer protocol
– 400 kHz (2.5V) and 1 MHz (5.0V) compatibility
• Organization:
– 256 x 8-bit
• Data Protection Features
– Write Protect Pin
– Permanent Software Protection
• 16-Byte Page Write Buffer
– Partial Page-writes permitted
• Low Power CMOS Technology
– Active Current less than 2 mA (5V)
– Standby Current less than 6 µA (5V)
– Standby Current less than 2 µA (2.5V)
• Low Voltage Operation
– IS34C02-2: Vcc = 1.8V to 5.5V
– IS34C02-3: Vcc = 2.5V to 5.5V
ADVANCED INFORMATION
JANUARY 2005
• Random or Sequential Read Modes
• Filtered Inputs for Noise Suppression
• Self timed Write cycle with auto clear
– 5 ms @ 2.5V
• High Reliability
– Endurance: 1,000,000 Cycles
– Data Retention: 40 Years
• Automotive and Industrial temperature ranges
• 8-pin SOIC, 8-pin TSSOP, and 8-pin MSOP
• Lead-free available
DESCRIPTION
The IS34C02 is an electrically erasable PROM device
that uses the standard 2-wire interface for
communications. The IS34C02 contains a memory
array of 2,048-bits (256K x 8), and is further subdivided
into 16 pages of 16 bytes each for page-write mode.
The software write-protection feature is initiated with a
unique irreversible instruction. After this command is
transmitted, the first 128 bytes of the array become
permanently read-only. This feature is popular in
applications like DRAM DIMMs to retain DRAM related
data. This EEPROM is offered in wide operating voltages
of 1.8V to 5.5V (IS34C02-2) and 2.5V to 5.5V (IS34C02-
3) to be compatible with most application voltages. ISSI
designed the IS34C02 as a low-cost and low-power 2-
wire EEPROM solution. The devices are packaged in
8-pin SOIC, and 8-pin TSSOP, and 8-pin MSOP.
The IS34C02 maintains compatibility with the popular 2-
wire bus protocol, so it is easy to use in applications
implementing this bus type. The simple bus consists of
the Serial Clock wire (SCL) and the Serial Data wire
(SDA). Using the bus, a Master device such as a
microcontroller is usually connected to one or more
Slave devices such as the IS34C02. The bit stream
over the SDA line includes a series of bytes, which
identifies a particular Slave device, an instruction, an
address within that Slave device, and a series of data, if
appropriate. The IS34C02 has a Write Protect pin (WP)
to allow blocking of any write instruction transmitted over
the bus.


Similar Part No. - IS34C02-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02B-2DLI ISSI-IS34C02B-2DLI Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02B-2ZLI ISSI-IS34C02B-2ZLI Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results

Similar Description - IS34C02-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com