Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C44002-50J Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41C44002-50J
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C44002-50J Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41C44002-50J Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C44002-50J Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. D
06/24/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
IS41C4400X
IS41LV4400X SERIES
ISSI®
FEATURES
Extended Data-Out (EDO) Page Mode access cycle
TTL compatible inputs and outputs
Refresh Interval:
– 2,048 cycles/32 ms
– 4,096 cycles/64 ms
Refresh Mode: RAS-Only,
CAS-before-RAS (CBR), and Hidden
Single power supply:
– 5V±10% or 3.3V ± 10%
Byte Write and Byte Read operation via two CAS
Industrial temperature range -40°C to 85°C
DESCRIPTION
The
ISSI 4400 Series is a 4,194,304 x 4-bit high-performance
CMOS
Dynamic Random Access Memory. These
devices offer an accelerated cycle access called EDO
Page Mode. EDO Page Mode allows 2,048 or 4096
random accesses within a single row with access cycle
time as short as 20 ns per 4-bit word.
These features make the 4400 Series ideally suited for
high-bandwidth graphics, digital signal processing,
high-performance computing systems, and peripheral
applications.
The 4400 Series is packaged in a 24-pin 300-mil SOJ with
JEDEC standard pinouts.
4M x 4 (16-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
JUNE, 2001
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
RAS Access Time (tRAC)50
60
ns
CAS Access Time (tCAC)13
15
ns
Column Address Access Time (tAA)25
30
ns
EDO Page Mode Cycle Time (tPC)20
25
ns
Read/Write Cycle Time (tRC)
84
104
ns
PRODUCT SERIES OVERVIEW
Part No.
Refresh
Voltage
IS41C44002
2K
5V ± 10%
IS41C44004
4K
5V ± 10%
IS41LV44002
2K
3.3V ± 10%
IS41LV44004
4K
3.3V ± 10%
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
I/O0
I/O1
WE
RAS
*A11(NC)
A10
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A9
A8
A7
A6
A5
A4
GND
* A11 is NC for 2K Refresh devices
.
PIN DESCRIPTIONS
A0-A11
Address Inputs (4K Refresh)
A0-A10
Address Inputs (2K Refresh)
I/O0-3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
24 Pin SOJ


Similar Part No. - IS41C44002-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C44002 ICSI-IS41C44002 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IS41C44002A ICSI-IS41C44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
More results

Similar Description - IS41C44002-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com